Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  



TAPE Datasheets, PDF

Descripción buscado : 'TAPE' - Total: 1951 (1/98) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

3M Electronics
SDR-7 STD Tape Dispenser SDR Wire Marking Tape
SDR-A STD Tape Dispenser SDR Wire Marking Tape

Molex Electronics Ltd.
0734151636 75 Ohms, MCX Vertical Surface Mount Jack Receptacle,Body Tri-Alloy Plated, 800 Pieces Per Tape and Reel with Kapton Tape
0878580460 2.00mm (.079) Pitch Milli-Grid™ Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging
0674921221 1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), 0.76μm (30μ") Gold (Au) Plating, Embossed Tape on Reel Packaging22 Circuits, Tape on Reel Packaging, Lead Free

ANADIGICS, Inc
AN-0004 TAPE DIMENSIONS 12 mm Tape

3M Electronics
SDR-RD STD Tape Dispenser SDR Wire Marking Tape
SDR-2 STD Tape Dispenser SDR Wire Marking Tape

Molex Electronics Ltd.
0734156181 50 Ohms, SMP Surface Mount Plug, Limited Detent, Tape and Reel with Kapton Tape
0734151632 75 Ohms, MCX Vertical Surface Mount Jack Receptacle, Gold, 800 Pieces Per Tape and Reel with Kapton Tape
0878580450 2.00mm (.079) Pitch Milli-Grid™ Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging

Unisonic Technologies
UTCCXA1191 FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)

Molex Electronics Ltd.
0878580250 2.00mm (.079) Pitch Milli-Grid™ Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging
0533750890 2.50mm (.098") Pitch Mini-Lock™ Wire-to-Board Header, Vertical, Friction and PositiveLock, Radial Tape Packaging, 8 Circuits, Lead-free

Harwin Plc
S9111-45R SYCAMORE CONTACT Ø1.50mm TOP ENTRY SOCKET IN TAPE & REEL

Molex Electronics Ltd.
0782830001 1.27mm (.050") Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without withflanged tabbed housing, 16 circuits, Tape on Reel, Lead- free
1719730825 2.54mm Pitch SL Header, Single Row, Vertical, LCP, Shrouded, Surface Mount,0.75μm Selective Gold (Au) Plating, 25 Circuits, Tape and Reel
0877591274 2.00mm (.079) Pitch Milli-Grid™ Header, Surface Mount, Vertical, 12 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with Pick-and-Place Cap, Tape and Reel Packaging
0192110002 Krimptite™ Wire Pin Terminal for 12-10 AWG Wire, Mylar Tape Carrier

Ledil, Inc.
CA12426_18 ~40° wide beam. Assembly with holder and installation tape.