Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

SURGE Datasheets, PDF

Descripción buscado : 'Surge' - Total: 68 (1/4) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Littelfuse
SP2504N The SP2504N integrates 4 channels of low capacitance diodes with an additional zener diode to protect sensitive I/O pins against lightning induced surge events and ESD.
V3.5MLA0603 Multilayer Transient Voltage Surge Suppressors
04611.25ER16 Surface Mount Fuses Surge Resistant > 461 Series TeleLink® Fuse
LFUSCD16065B Enhanced surge capability
CG7 The Littelfuse CG7 series GDT is a miniature surface mount device with a 1kA 8/20μS surge rating
LSIC2SD120A15 This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current, high surge capability, and a maximum operating junction temperature of 175 °C.
DHB34 The DHB34 Series of transient surge suppressors is comprised of two industrial high-energy Metal-Oxide
SL1011B090A Surface Mount Surge Arresters SL1011B Series
LFUSCD30120B Enhanced surge capability
213 5×20mm time-Lag surge withstand glass body cartridge fuse designed to IEC specification
0215010TXP 5x20mm Time-Lag surge withstand ceramic body cartridge fuse designed to IEC specification
V07E130P Varistor Products - High Surge Current, Radial Lead
V181206XMLAXX RoHS compliant Rated for surge current (8 x 20 us)
LVSP Blade Terminal & Special Purpose Fuses - Surge Fuses
LFUSCD20065B Enhanced surge capability
AK15 The AK15 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications
LFUSCD10065A Enhanced surge capability
P0641UALXX The series provides a high surge current rated dual port protection
SP3051 The SP3051 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.
P6002ADL High Surge Current Three-pin SIDACtor

  1 2 3 4