Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  



SWITCHES Datasheet, PDF

Palabra clave buscada : 'SWITCHES' - Total: 18 (1/1) Pages
Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Company Logo Img
Siemens Semiconductor G...
PXS200 Datasheet pdf image
650Kb/14P
SIMATIC PXS sonar proximity switches
BRT11 Datasheet pdf image
167Kb/6P
SITACO AC Switches Without Zero Voltage Switch
TCA505BG Datasheet pdf image
836Kb/18P
IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505BG Datasheet pdf image
995Kb/18P
IC for Inductive Proximity Switches with Short-Circuit Protection
TLE4905G Datasheet pdf image
115Kb/13P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
TLE4905L Datasheet pdf image
264Kb/15P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
TCA705 Datasheet pdf image
357Kb/13P
IC for inductive Proximity Switches with 0.5 A Output Stage
BRT21 Datasheet pdf image
345Kb/6P
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
BSM100GT120DN2 Datasheet pdf image
180Kb/9P
IGBT Power Module (Three single switches Including fast free-wheeling diodes Package with insulated metal base plate)
BXY43 Datasheet pdf image
132Kb/8P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 Datasheet pdf image
135Kb/8P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P Datasheet pdf image
101Kb/4P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P Datasheet pdf image
101Kb/4P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BAR64-02W Datasheet pdf image
25Kb/4P
Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64-W Datasheet pdf image
48Kb/4P
Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BFR92P Datasheet pdf image
57Kb/7P
NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
BFR92W Datasheet pdf image
57Kb/7P
NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
BFQ71 Datasheet pdf image
499Kb/18P
NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)

1


1



¿Qué es SWITCHES


Los interruptores en componentes electrónicos son componentes que tienen la capacidad de abrir o cerrar circuitos y se utilizan para controlar las señales eléctricas.

Un interruptor conecta un circuito para transmitir una señal eléctrica, o separa un circuito para bloquear una señal eléctrica.

Los interruptores son esenciales en la mayoría de los productos electrónicos y vienen en muchos tipos y usos.

Los tipos típicos de interruptores incluyen interruptores de botón, interruptores de palanca, interruptores giratorios, interruptores de mementory e interruptores micro.

Presione los interruptores de botones actúan instantáneamente cuando se presionan y a menudo se usan en pequeños productos.

Un interruptor de palanca es un interruptor operado giratorio que se utiliza para una variedad de propósitos, como la selección de activación o función.

Un interruptor giratorio es un interruptor giratorio que ofrece una variedad de posiciones y funciones.

Los interruptores Mementory pueden conectar o desconectar circuitos para mantener el estado del circuito.

Un conmutador micro puede detectar señales eléctricas de capacitancia pequeña y controlar un circuito en consecuencia.

Los interruptores son esenciales para controlar las señales eléctricas, y se utilizan en una variedad de productos para desempeñar un papel importante en la mejora de la funcionalidad y el rendimiento de los productos electrónicos.