Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  



REGULATOR Datasheets, PDF

Descripción buscado : 'REGULATOR' - Total: 15200 (1/760) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Allegro MicroSystems
A4402_12 The A4402 is a dual-output regulator, combining in a single package a constant on-time buck regulator and a linear regulator (LDO)—each with adjustable output voltages.

Seiko Instruments Inc
S8351 STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER

Toshiba Semiconductor
TCR5SC15FE 150 mA CMOS Low-Dropout Regulator (Point regulator)

ON Semiconductor
CS5112 1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE

Intersil Corporation
CA1523_00 Voltage Regulator Control Circuit for Variable Switching Regulator

Panasonic Semiconductor
AN30183A 600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)

Sipex Corporation
SP4446_06 High Output Voltage Boost Regulator LCD Bias Regulator

ON Semiconductor
CS2001 1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET

Exar Corporation
SP4446 High Output Voltage Boost Regulator LCD Bias Regulator

Toshiba Semiconductor
TCR5SB15 200mA CMOS Low-Dropout Regulator (Point Regulator)

Rohm
BD9833KV 8 Channel Switching Regulator Controller and 1 Series Regulator for DVC
BD00C0AWFPS-M Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator

Analog Devices
ADP2441-EVALZ The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.

Toshiba Semiconductor
TCR5SB12 200 mA CMOS Low-Dropout Regulator (Point Regulator)

Seiko Instruments Inc
S-8351A50MC-J3JT2G STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER

Infineon Technologies A...
TLE4275_07 5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator

Toshiba Semiconductor
2SK2311_09 Chopper Regulator, DC−DC Converter and Switching Regulator Applications

Linear Technology
LTC1704B_15 550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704EGN 550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller

Allegro MicroSystems
A4407 The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,