Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

REFERENCE Datasheets, PDF

Descripción buscado : 'REFERENCE' - Total: 166 (1/9) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Maxim Integrated Produc...
MAX5120 +3V/+5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
MAX1198 Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX4069 Bidirectional, High-Side, Current-Sense Amplifiers with Reference
MAX1185_11 Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX507 Voltage-Output, 12-Bit DACs with Internal Reference
MAX9025_11 UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
MAX1196 Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1446_08 10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
MAX1265 265ksps, +3V, 6-/2-Channel, 12-Bit ADCs with +2.5V Reference and Parallel Interface
MAX9644_1110 Low-Power Comparators with Precision Reference in 4-Bump UCSP
LM4041CIM3-12-T Improved Precision Micropower Shunt Voltage Reference
MAX6035 High-Supply-Voltage, Precision Voltage Reference in SOT23
MAX1277_09 1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
MAX674 +10V Precision Voltage Reference
MAX4373 Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
MAX1227_11 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
MAX1276_09 1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
MAX6520 50ppm/°C, SOT23, 3-Terminal, 1.2V Voltage Reference
MAX3671 Low-Jitter Frequency Synthesizer with Selectable Input Reference
MAX1280 400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference

  1 2 3 4 5 6 7 8 9