Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  



MUX Datasheets, PDF

Descripción buscado : 'MUX' - Total: 333 (1/17) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Texas Instruments
TPS2112A AUTOSWITCHING POWER MUX
THS7327 3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes

Micrel Semiconductor
SY89464 Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX

Unisonic Technologies
PA3212_09 2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL

ON Semiconductor
NB3L8533 2.5V/3.3V Differential 2:1 MUX to 4 LVPECL Fanout Buffer
NB3L8543S 2.5 V/3.3 V Differential 2:1 MUX to 4 LVDS Clock Fanout Buffer Outputs
NB3L83948C 2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
NB3N853531E 3.3 V Xtal or LVTTL/LVCMOS Input 2:1 MUX to 1:4 LVPECL Fanout Buffer

Texas Instruments
TPS2110A_15 AUTOSWITCHING POWER MUX
TPA0232 STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL

Integrated Device Techn...
IDT74CBTLV16292 LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS

PMC-Sierra, Inc
PM8311 TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers

Micrel Semiconductor
SY89846U 1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination

Integrated Device Techn...
9EX21501A 15 Output PCIe G2/QPI Differential Buffer with 2:1 Input Mux

Analog Devices
ADG779_05 CMOS 1.8 V to 5.5 V, 2.5 Ω SPDT Switch/2:1 Mux in Tiny SC70 Package

Silicon Laboratories
SI53311 1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53312 1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX

Texas Instruments
HD3SS460_17 4 x 6 Channels USB Type-C Alternate Mode MUX

Elantec Semiconductor
EL4102C 500MHz Video Front End: 4-1 MUX, VGA & DC-Restore