Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  



MA Datasheets, PDF

Descripción buscado : 'MA' - Total: 506 (1/26) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

PHOENIX CONTACT
2742748 Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 0-40 mA, ±20 mA, ±40 mA, 2 and 3-wire connection method
2727831 Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, ±20 mA, 0-10 V, ±10 V, (also 0-40 mA, ±40 mA, 0-5 V, ±5 V, 0-25 V, ±25 V, 0-50 V), 2-conductor connection method
2740818 Inline analog input terminal block, without accessories, 2 inputs, 0-20 mA, 4-20 mA, ±20 mA, 0-10 V, ±10 V, 3 dB base frequency at 230 Hz, 2-wire connection method
2701157 Inline analog input terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 2 inputs, 0 - 20 mA, 4 - 20 mA, ±20 mA, 0 - 10 V, ±10 V, 2-conductor connection technology
2726285 Inline analog input terminal block, without accessories, 2 inputs, 0-20 mA, 4-20 mA, 20 mA, 0-10 V, 10 V, 2-wire connection method
2701219 Inline analog output terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 1 output, 0 - 20 mA, 4 - 20 mA, 0 - 10 V, 2-conductor connection technology
2726298 Inline analog output terminal, without accessories, 1 output, 0-20 mA, 4-20 mA, 0-10 V, 2-wire connection method
2701954 INTERBUS-ST analog output module, 4 outputs, 0 - 10 V, ±10 V, 0 - 20 mA, 4 - 20 mA, comprising: Moduleelectronics only

Microchip Technology
TC2014_06 50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
TC2185-3.3VCTTR 50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
TC2054_06 50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
TC2015-50VCTTR 50 mA, 100 mA, 150 mA CMOS LDOs with
TC2014_13 50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
TC2185-50VCTTR 50 mA, 100 mA, 150 mA CMOS LDOs with
TC2054_09 50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
TC2185-3.0VCTTR 50 mA, 100 mA, 150 mA CMOS LDOs
TC2014 50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass

NXP Semiconductors
PDTB113E PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 kΩ, R2 = 1 kΩ

Analog Devices
ADP2108 Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter

ON Semiconductor
NCV4949A 100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense