Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  



GBPS Datasheets, PDF

Descripción buscado : 'GBPS' - Total: 1870 (1/94) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Texas Instruments
DS50EV401_15 DS50EV401 2.5 Gbps / 5.0 Gbps or 8.0 Gbps Quad Cable and Backplane Equalizer
DS80PCI800SQ DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater

National Semiconductor ...
DS50EV401 2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer

Texas Instruments
DS80PCI102 DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis

Optoway Technology Inc
NU-73D74D-PG 3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX10-U ONU Transceiver
LT-74E73E-PG 3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)
SPL-94B73B-WG ITU-T G.984.2 G-PON CLASS B+ Digital Diagnostic SC SFP OLT Transceiver 3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX / 1.244 Gbps 1310 nm Burst-Mode RX

Vitesse Semiconductor C...
VSC7640 4x 3.125 Gbps VCSEL Transmitter Array and 4x 3.125 Gbps Receiver Arrays with Integrated Limiting Amplifiers

Texas Instruments
TLK2500 1.6 Gbps to 2.5 Gbps TRANSCEIVER

Vitesse Semiconductor C...
VSC7978 9.9 Gbps - 11.3 Gbps High Gain Transimpedance Amplifier for TO-Can Based ROSA Applications

Texas Instruments
TLK2500IRCP 1.6 Gbps to 2.5 Gbps TRANSCEIVER
DS50PCI402SQ DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis

Vitesse Semiconductor C...
VSC9295 340 Gbps (136 x 136) and 170 Gbps (68 x68) TSI Switches with Dual Rate (2.5G/622M) I/O

Analog Devices
ADN2917 Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ

Texas Instruments
DS50PCI401_13 DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402_14 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis

Optoway Technology Inc
NU-73H74H-PG 3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver

Vitesse Semiconductor C...
VSC7281 Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver