Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  



ADJUSTABLE Datasheets, PDF

Descripción buscado : 'ADJUSTABLE' - Total: 2925 (1/147) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Pasternack Enterprises,...
PE8202 50 Ohm SMA To .085 Semi-Rigid Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 10.00 Deg. Per GHz

ON Semiconductor
NCV47701 5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
NCV47551 3.3 V to 20 V Adjustable Low Noise LDO Regulator with Adjustable Current Limit and 3.3 V Logic

Pasternack Enterprises,...
PE8245 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz

ON Semiconductor
NCV47711 5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input

Pasternack Enterprises,...
PE8246 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz

ON Semiconductor
NCV47700 5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit

Pasternack Enterprises,...
PE8255 50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz

STMicroelectronics
PM6686TR Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook

Calogic, LLC
TL431 Precision Adjustable Precision Adjustable

ON Semiconductor
NCV47711_17 Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input

Pasternack Enterprises,...
PE8247 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz

ON Semiconductor
NCV47710_17 Adjustable LDO Adjustable Current Limit

Solid States Devices, I...
SVR333J NEGATIVE ADJUSTABLE NEGATIVE ADJUSTABLE

Pasternack Enterprises,...
PE8203 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz

ON Semiconductor
NCV47721 Adjustable LDO with Adjustable Current Limit
NCV47821 3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features

Pasternack Enterprises,...
PE8040 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz

ON Semiconductor
NCV47411 3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
NCV47821_17 Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features