Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  



ADJUSTABLE Datasheets, PDF

Descripción buscado : 'ADJUSTABLE' - Total: 2925 (1/147) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Calogic, LLC
TL431 Precision Adjustable Precision Adjustable

Pasternack Enterprises,...
PE8245 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8247 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz

ON Semiconductor
NCV47710_17 Adjustable LDO Adjustable Current Limit

Pasternack Enterprises,...
PE8203 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz
PE8255 50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz

ON Semiconductor
NCV47821 3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
NCV47711_17 Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
NCV47411 3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V

Solid States Devices, I...
SVR333J NEGATIVE ADJUSTABLE NEGATIVE ADJUSTABLE

Pasternack Enterprises,...
PE8243 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz

ON Semiconductor
NCV47721 Adjustable LDO with Adjustable Current Limit
NCV47710 5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input

Pasternack Enterprises,...
PE8040 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8202 50 Ohm SMA To .085 Semi-Rigid Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 10.00 Deg. Per GHz

ON Semiconductor
NCV47821_17 Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
NCV47551 3.3 V to 20 V Adjustable Low Noise LDO Regulator with Adjustable Current Limit and 3.3 V Logic

Pasternack Enterprises,...
PE8244 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz

ON Semiconductor
NCV47711 5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
NCV47701 5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit