Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

500 Datasheets, PDF

Descripción buscado : '500' - Total: 23 (1/2) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Mini-Circuits
UNCL-L1 Plug-In, Low Noise Active Mixer (Level -4(LO Power -4 dBm) 10 to 500 MHz)
ADC-26-52 Directional Coupler 50Ω 10 to 500 MHz
JYDC-23-1HP High Power Directional Coupler 50Ω 30 to 500 MHz
SCDC-11-2 Directional Coupler 50Ω 500 to 1100 MHz
ZAPD-1 Power Splitter/Combiner 2 Way-0 50Ω 500 to 1000 MHz
ADE-R1L High Reliability Mixer Level 3 (LO Power +3 dBm) 2 to 500 MHz
ZFL-2500 50Ω Medium Power 500 to 2500 MHz
ZX05-1 Level 7 (LO Power +7 dBm) 0.5 to 500 MHz
ZAPD-21 Power Splitter/Combiner 2 Way-0 50Ω 500 to 2000 MHz
SBTC-2-15-75_75L Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-0° 75Ω 500 to 1500 MHz
SHP-500 High Pass Filter 50Ω 500 to 3200 MHz
ADE-R1LH High Reliability Mixer Level 10 (LO Power +10 dBm) 1 to 500 MHz
LRDC-10-1J Directional Coupler 50Ω 5 to 500 MHz
VLFX-500 Low Pass Filter DC to 500 MHz (40 dB Isolation up to 20 GHz)
ZN2PD2-50 Power Splitter/Combiner 2 Way-0 50Ω 500 to 5000 MHz
ZA2CS-500-15W High Power Combiner 2 Way-0 50Ω 200 to 500 MHz
BHP-500 High Pass Filter 50Ω 500 to 3200 MHz
NHP-500 High Pass Filter 50Ω 500 to 3200 MHz
ZFL-500 50Ω Low Power 0.05 to 500 MHz
ZRL-1150LN Low Noise Amplifier 50Ω 500 to 1400 MHz

  1 2