Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

500 Datasheets, PDF

Descripción buscado : '500' - Total: 101 (1/6) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

ON Semiconductor
NDF11N50ZH N-Channel Power MOSFET 500 V, 0.52 Ohm
MZ4614 500 Milliwatt Hermetically Sealed Glass Silicon Zener Diodes
MMSZ2V4T1_06 Zener Voltage Regulators 500 mW SOD−123 Surface Mount
MC78M09BDTRK_11 500 mA Positive Voltage Regulators
LM317M_11 500 mA Adjustable Output, Positive Voltage Regulator
NCP5501DT33RKG 500 mA LDO Voltage Regulator
SZMMSZ5238BT1G Zener Voltage Regulators 500 mW SOD−123 Surface Mount
NCV8705_16 500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
NSR05T40P2 500 mA, 40 V Schottky Barrier Diode
MC78M00 500 mA Positive Voltage Regulators
NCP1509 Up to 500 mA, 1 MHz, High Efficiency Synchronous Step−Down DC−DC Converter in DFN Package
BS170G Small Signal MOSFET 500 mA, 60 Volts
CAT4134 500 mA Dual Channel Movie/Flash LED Driver
CAT6219-ADJTDGT3 500 mA CMOS LDO Regulator
BS170_05 Small Signal MOSFET 500 mA, 60 Volts N−Channel TO−92 (TO−226)
CAT6202_14 500 mA / 13 V Adjustable CMOS LDO Regulator
CS5233-3 500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
NCV8535_17 Ultra High Accuracy 500 mA Low Dropout Regulator
NTP6N50 Power MOSFET 6 Amps, 500 Volts N-Channel TO-220
NCV78M05BDTRKG 500 mA Positive Voltage Regulators

  1 2 3 4 5 6