Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  



5-V DIGITAL Datasheets, PDF

Descripción buscado : '5-V DIGITAL ' - Total: 13374 (1/669) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Texas Instruments
TLC2574 5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3544_07 5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDW 5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC2578IDWR 5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC4541 5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC3544 5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
ISO721_10 3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721-Q1_16 AND/OR 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721-Q1 3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721_1007 3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS

STMicroelectronics
STA559BWQS 5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD

Texas Instruments
ISO721 3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
TLC3574IDW 5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS

STMicroelectronics
STA330 2.0 digital audio processor with FFX digital modulator and analog and digital inputs

PHOENIX CONTACT
2741668 Digital input/output module, degree of protection IP20, 4 digital inputs, 24 V DC, 3 digital outputs, 24 V DC, COMBICON plugs included

Sony Corporation
CXD3048R CD Digital Signal Processor with Built-in Digital Servo + Shock-proof Memory Controller + Digital High & Bass Boost

PHOENIX CONTACT
2700606 Safety-related digital output module, IP20 protection, for the SafetyBridge system. The module has four safe digital outputs with two-channel occupancy or 8 safe digital outputs with single-channel occupancy

Sony Corporation
CXD3057R CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
CXD3027R CD Digital Signal Processor with Built-in Digital Servo + Shock-Proof Memory Controller + Digital High & Bass Boost
CXD3059AR CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo + Digital High & Bass Boost