Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  



200 Datasheets, PDF

Descripción buscado : '200' - Total: 2711 (1/136) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Tyco Electronics
M222 Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz

ON Semiconductor
CAT8801 200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current

Rectron Semiconductor
BAV21W SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere

Cree, Inc
C460UT2200-S0550 Small Chip 200 x 200 x 50

Motorola, Inc
MJL3281A 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS

ON Semiconductor
2N7000_07 Small Signal MOSFET 200 mAmps, 60 Volts N−Channel TO−92 200 mAMPS 60 VOLTS

M/A-COM Technology Solu...
MDS-222 Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz

Tyco Electronics
DS-222 Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz

List of Unclassifed Man...
79696035 Thermocouple / Pt100 Pt100 probe Class B max : 200 °C Pt100 probe Class B with sheath - St. steel 316 L Ø 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly

Silicon Laboratories
W255 200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS

Chenmko Enterprise Co. ...
1N4942PT VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere

Quanzhou Jinmei Electro...
BGY67A_15 200 MHz, 24 dB gain reverse amplifier

NEC
RD39MW ZENER DIODES 200 mW 3-PIN MINI MOLD

Vishay Siliconix
UFL200FA60P Insulated Ultrafast Rectifier Module, 200 A

Kemet Corporation
C0603C560J2GACTU Ceramic, Commercial-(CxxxxC), 56 pF, 5%, 200 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I

ON Semiconductor
NCS2500 1.1 mA 200 MHz Current Feedback Op Amp

Analog Devices
AD974BRSZ 4-Channel, 16-Bit, 200 kSPS Data Acquisition System

Infineon Technologies A...
PTVA102001EA Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 9601600 MHz

Agilent(Hewlett-Packard...
85070E Dielectric Probe Kit 200 MHz to 50 GHz

Kemet Corporation
CA064X102K2RACTU Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 1000 pF, +/-10% Tol, 0612, 200 V, X7R