Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  



120 Datasheets, PDF

Descripción buscado : '120' - Total: 628 (1/32) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

List of Unclassifed Man...
RER120TD DC centrifugal fans Series RER 120 TD Ø 120 x 54 mm

Sanyo Semicon Device
STK401-140 Two-Channel AF Power Amplifier (+- Power Supply) 120 W + 120 W Minimum, THD = 0.4%   

List of Unclassifed Man...
AFB1212SHE 120 x 120 x 38 MM SERIES
FFB1224EHE 120 x 120 x 38 MM SERIES
FFB1212EH 120 x 120 x 25.4 MM SERIES

ERNI Electronics
DC0007395 0.8 DRC-Q. M 1mm, 120 polig 0.8 DRC-Q, M 1mm, 120 pin

List of Unclassifed Man...
PFB1224UHE 120 x 120 x 38 MM SERIES

ERNI Electronics
DC0007397 0.8 DRC-Q. M 1mm, 120 polig 0.8 DRC-Q, M 1mm, 120 pin

Hamamatsu Corporation
C9732DK-11_15 For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
C9732DK-11 For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 × 120 mm

ERNI Electronics
DC0007435 0.8 DRC-Q, F 120 polig 0.8 DRC-Q, F 120 pin

Hamamatsu Corporation
C9732DK-11_11 For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 × 120 mm

Micro Commercial Compon...
BAV19WS_16 250mW Small Signal Diodes 120 to 250 Volts

Cree, Inc
C450TR5270-S20000_16 Low Forward Voltage - 3.2 V Typical at 120 mA

Molex Electronics Ltd.
0015922120 1.27mm (.050) Pitch EBBI™ 50D Plug, Vertical, without Latch, 120 Circuits, 3.40mm (.134) PC Tail Length

Mini-Circuits
LFCN-120 Ceramic Low Pass Filter DC to 120 MHz

Kemet Corporation
LDEIE3100KA5N00 Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.1 uF, 10%, 250 V, 120 V, 125C, 2824, 2.9mm

Molex Electronics Ltd.
0546841204 0.40mm (.016") Pitch Board-to-Board SlimStack™ Receptacle, Surface Mount, DualRow, Vertical Stacking, 3.50mm (.138") Stacking Height, 120 Circuits

Microchip Technology
TC1188 MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators

NXP Semiconductors
PSMN7R8-120ES_15 N-channel 120 V 7.9standard level MOSFET in I2PAK