Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

SENSOR Datasheets, PDF

Descripción buscado : 'Sensor' - Total: 40 (1/2) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

ATMEL Corporation
AT42QT1060 QTouch™ 6-channel Sensor IC
AT42QT1110-MU QTouch™ 11-key Sensor IC
AT71200 8M-pixel Color Image Sensor
AT30TSE002B Integrated Temperature Sensor with Serial Electrically-erasable and Programmable Read-only Memory
AT77C102B_07 Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
ATA5570 Multifunctional 330-bit Read/Write RF Sensor Identification IC
AT42QT2160 QSlide™, 16-key QMatrix™ Sensor IC
MXT224 maXTouch 224-channel Touchscreen Sensor IC
AT30TS750_14 Digital Temperature Sensor with Nonvolatile Registers
AT77C101B Thermal Fingerprint Sensor with Sensing Area and Digital Output
AT30TS750 9- to 12-bit Selectable, ±0.5°C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS75_14 Digital Temperature Sensor
AT42QT1111MU QTouch™ 11-key Sensor IC
AT77C102B Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C105A FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based Navigation and Click Functions, Extended I/O range(1.8-3.3V)
TH7888A Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
AT30TS00 Digital Temperature Sensor with Two-Wire Interface
AT30TS75A_14 Digital Temperature Sensor
AT42QTAN0040 Driving the AT42QT2160 QMatrix Sensor IC
TH7887A Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming

  1 2