Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

FLASH Datasheets, PDF

Descripción buscado : 'FLASH' - Total: 93 (1/5) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Molex Electronics Ltd.
0878342441 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.13μm (5μ) Gold (Au) Flash Plating
0878343417 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, Gold (Au) Flash, Polyester Housing
0878340621 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, PCB Locators, with End Windows, 0.13μm (5μ) Gold (Au) Flash Plating
0878342411 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, Lead-free, 24 Circuits, Gold (Au) Flash, Beige, PCB Locators, without End Window
0878346021 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, PCB Locators, with End Windows, 0.13μm (5μ) Gold (Au) Flash Plating, Nylon Housing
0878334819 2.00mm (.079) Pitch Milli-Grid™ Header, Right Angle, Fully Shrouded, Lead-free, 48 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0891779260 1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash
0878333419 2.00mm (.079) Pitch Milli-Grid™ Header, Right Angle, Fully Shrouded, Lead-free, 34 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878340811 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, Lead-free, 8 Circuits, Gold (Au) Flash, Beige, PCB Locators, without End Window
0894858002 Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), Without Mylar, Gold (Au) Flash, Tray Package
0878344021 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, PCB Locators, with End Windows, 0.13μm (5μ) Gold (Au) Flash Plating
0878333019 2.00mm (.079) Pitch Milli-Grid™ Header, Right Angle, Fully Shrouded, Lead-free, 30 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0894858100 Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), With Mylar, Gold (Au) Flash, Tube Package
0878341241 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.13μm (5μ) Gold (Au) Flash Plating
0878330819 2.00mm (.079) Pitch Milli-Grid™ Header, Right Angle, Fully Shrouded, Lead-free, 8 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878342011 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, Lead-free, 20 Circuits, Gold (Au) Flash, Beige, PCB Locators, without End Window
0894858012 Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), Without Mylar, Gold (Au) Flash
0878331819 2.00mm (.079) Pitch Milli-Grid™ Header, Right Angle, Fully Shrouded, Lead-free, 18 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0887614700 1.27mm (.050) Pitch Serial ATA Power Harness-to-Pigtail, IDT, 1.50m (4.92) Length, Gold Flash, 3.3V+5V+12V, Leadfree
0878345021 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, PCB Locators, with End Windows, 0.13μm (5μ) Gold (Au) Flash Plating, Nylon Housing

  1 2 3 4 5