Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

FLASH Datasheets, PDF

Descripción buscado : 'FLASH' - Total: 67 (1/4) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Molex Electronics Ltd.
0743209034 MicroCross™ DVI-I Digital/Analog Visual Interface, PCB Receptacle, PanelMount,Through Hole, Right Angle, Gold (Au) Flash, 2.34mm P.C. Tail Length, with Beveled Metal Pins
0743232031 MicroCross™ DVI Digital/Analog Single Link Component, High Volume Plug ConnectorSub-assembly, Vertical, Gold (Au) Flash, 23 Circuits, Lead Free
0743205004 MicroCross™ DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, Gold Flash, Lead Free, 2.34mm P.C. Tail Length, 24 Circuits
0678008111 1.27mm Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, Gold (Au) Flash, for 2.00mm PCB, High Temperature,
0679260301 3.81mm Pitch Serial ATA IDT Power Receptacle, Gold (Au) Flash, 20AWG, withLatch, without Bump, Lead free
0743201009 MicroCross™ DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm P.C. Tail Length
0678008031 1.27mm Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, Gold (Au) Flash, for 1.60mm PCB, Blue, Footprint A,
0743204807 MicroCross™ DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 3.12mm PC Tail Length
0685610022 1.27mm Pitch Serial ATA Power Latching Harness-to-Pigtail, IDT, 1.50m (4.92Length, Gold Flash, 3.3V+5V+12V, Leadfree
0678008061 1.27mm Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, Gold (Au) Flash, for 2.40mm PCB, White, Footprint A,
0676430910 Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, BlackPolyester, Gold (Au) Flash, PCB Thickness 1.60mm (.063
0678007101 1.27mm Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, Gold (Au) Flash, for 1.60mm (.063) PCB, High Temperature
0679260401 3.81mm Pitch Serial ATA IDT Power Receptacle, Gold (Au) Flash, 22AWG, with Latch, without Bump, Lead free
0743201006 MicroCross™ DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, Gold (Au) Flash Plating, 2.79mm P.C. Tail Length, 28 Circuits,
0743203004 MicroCross™ DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Vertical, Gold Flash, Lead Free, Screw Hole, 4-40 Thread, 29 Circuits
0743232033 MicroCross™ DVI Digital/Analog Dual Link Component, Gold (Au) Flash, High VolumePlug Connector Sub-assembly, Vertical, 29 Circuits, Lead Free
0675810010 1.27mm Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, Gold(Au) Flash Plating, with Reel Direction - Type 2, Lead free
0743209014 MicroCross™ DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, Gold Flash, Lead Free, Screw
0676430980 Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, HighTemperature Black Nylon, Gold (Au) Flash Plating, PCB Thickness 1.20mm
0678007081 1.27mm Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, Gold (Au) Flash Plating, for 2.40mm PCB,Blue,Footprint B

  1 2 3 4