Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

FLASH Datasheets, PDF

Descripción buscado : 'FLASH' - Total: 71 (1/4) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Molex Electronics Ltd.
0674911030 1.27mm Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, Gold (Au) Flash, with 2.05mm PC Tail Length, for 1.60mm PCBBlack Housing, Lead-free
0673515006 MicroCross™ DVI-D Digital Visual Interface, Panel Mount, Through Hole, Vertical, Gold(Au) Flash, Polyester (PBT), 2.79mm PC TailLength, 24 Circuits, Lead Free
0503948400 Milli-Grid™ Crimp Terminal, Bag, Gold Flash, Loose, Lead free
0674921720 1.27mm Pitch Serial ATA Host Receptacle, SMT, Right Angle, Mating Height3.70mm Gold (Au) Flash, White Housing, without Cap, Embossed Tape onReel Packaging, 22 Circuits, Lead Free
0673517000 MicroCross™ DVI-D Digital Visual Interface for Adapter, Panel Mount, Through HoleVertical, Gold (Au) Flash, Polyester (PBT), 2.79mm (.110
0674901240 1.27mm Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle7 Circuits, with Mylar, Gold (Au) Flash, Tube Package, Lead-free
0674921320 1.27mm Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm Gold (Au) Flash, 22 Circuits, Tray Packaging, Lead Free
0674913010 1.27mm Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, Gold (Au) Flash, with 3.00mm PC Tail Length, Black Housing, Leadfree
0670688100 Universal Serial Bus (USB), Shielded I/O, Type B Receptacle, Right Angle with KinkedPins, Color Black, Gold (Au) Flash Plating, Tube Pack, Lead Free
0673298020 Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright Right Angle, Solder Tail Length 2.00mm 3.65mm Beveled Metal Pins, PCBThickness 1.60mm Gold (Au) Flash, Lead Free
0673519054 MicroCross™ DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), ScrewHole, 4-40 Thread, with Hex Thumb Screw, 2.34mm PC Tail Length, 29 CircuitsLead Free
0674921120 1.27mm Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height3.55mm Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0673511800 MicroCross™ DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle Receptacle, Gold (Au) Flash, Polyester (PBT), 2.34mm PC Tail Length,29 Circuits, without Pegs, Lead Free
0674929220 1.27mm Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0674921620 1.27mm Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 4.45mm Gold (Au) Flash, without Cap, 22 Circuits,Embossed Tape on ReelPackaging, Lead Free
0673511804 MicroCross™ DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), ScrewHole, 4-40 Thread, 2.34mm PC Tail Length,29 Circuits, Lead Free
0674921820 1.27mm Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.60mm Gold (Au) Flash, without Cap, Embossed Tape on Reel Packaging, 22Circuits, Lead Free
0675810000 1.27mm Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, GoldAu) Flash Plating, with Reel Direction - Type 1, Lead free
0674911138 1.27mm Pitch Serial ATA High Speed Header, High TemperatureThermoplastic, Through Hole, Vertical, 7 Circuits, Gold (Au) Flash Plating, with PC Tail Length, for 2.40mm PCB, Lead-free
0673519047 MicroCross™ DVI-D Digital Visual Interface, PCB Receptacle, Glass-filledPolymerThrough Hole, Right Angle, Gold (Au) Flash, with Hex Thumbscrew, 24 Circuits, LeadFree

  1 2 3 4