Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

FLASH Datasheets, PDF

Descripción buscado : 'FLASH' - Total: 76 (1/4) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Molex Electronics Ltd.
0471511311 0.50mm Pitch HDMI* Receptacle, Right Angle, Gold (Au) Flash Plated Contacts,Front Solder Tab Length 1.80mm Shell Gold (Au)Flash over Nickel (Ni) Plated,without Flange
0482026063 D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits,#4-40 Flush Insert, 2 #4-40 Hex Internal Thread Screws Assembled, Gold (Au) Flash
0470182000 1.27mm Pitch Serial ATA Host Receptacle, Mating Height 4.30mm Gold (Au) Flash, Light Tin Solder
0471554041 1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, Gold (Au) Flash, for 1.60mm PCB, Tail Length 2.10mm White, Footprint A, with PCB Locator Pegs, Lead-free
0476621000 1.27mm Pitch Removable Interposer for Dual-Piece Slimline Serial ATA Connector Assembly, Right Angle, Through Hole, Gold (Au) Flash Plating, Leadfree
0471510132 0.50mm Pitch HDMI* Receptacle, Right Angle with Screw Flange, 0.76μm Gold (Au) Plated Contact, Front Solder Tab Length 1.45mm Shell Gold (Au) Flash over Nickel (Ni) Plated
0482060105 1.00mm Pitch FB DIMM Socket, Vertical, with Beveled Metal Pins and BlackLatch, Nylon 4/6 Black Housing, Gold (Au) Flash, 2.67mm Solder Tail, 240 Circuits, Lead Free
0473913000 1.27mm Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount,Right Angle, Unmating Height 5.35mm Gold (Au) Flash, 7 Circuits, with Vacuum Pick-Up Tape
0471511122 0.50mm Pitch HDMI* Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.45mm Shell Gold (Au) Flash over Nickel (Ni) Plated, with Back Cover
0472330001 1.20mm Pitch Compression Dual Row Key Pad Connector, 8 Circuits, Surface Mount, Solder Tail Gold (Au) Flash
0476572000 1.27mm Pitch Removable Slimline Serial ATA Plug for Optical DiskDrive, Vertical, Bottom Mount, SMT, Gold (Au) Flash Plating, with Cap, Lead-free
0471511052 0.50mm Pitch HDMI* Receptacle, Right Angle, Gold (Au) Flash Plating, Front Solder Tab Length 1.80mm Shell Nickel (Ni) Plated, with Flange and Back Cover
0471511082 0.50mm Pitch HDMI* Receptacle, Right Angle, Gold (Au) Flash Plating, Front Solder Tab Length 1.80mm Shell Nickel (Ni) Plated, with Flange and Back Cover
0482026366 D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 25 Circuits, #4-40 Flush Insert, 2 #4-40 Hex Internal Thread Screws Included, Gold (Au) Flash
0476313000 0.50mm Pitch HDMI Receptacle, Vertical, SMT, Gold (Au) Flash Plating, with side Flanges and Pick-and-Place
0471510151 0.50mm Pitch HDMI Receptacle, Right Angle, Gold (Au) Flash Contact Plating, Front Solder Tab Length
0471510172 0.50mm Pitch HDMI* Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.45mm Shell Gold (Au) Flash over Nickel (Ni) Plated, without Back Cover, Natural Housing
0476323000 0.50mm Pitch HDMI* Receptacle, Vertical, SMT, without Flange, with Pick-and- Place Cover, Gold (Au) Flash Plating, 19 Circuits, Tray Packaging, Lead free
0473621020 1.27mm Pitch Combo SATA Cable Connector, Straight Type, with Arris on bottom surface, with bumps, Gold(Au) Flash Plating, 22 Circuits, Lead Free
0471516152 0.50mm Pitch HDMI Receptacle, Right Angle, Gold (Au) Flash Plating, Front Solder Tab Length 1.45mm

  1 2 3 4