Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

FLASH Datasheets, PDF

Descripción buscado : 'FLASH' - Total: 96 (1/5) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

Numonyx B.V
M29DW323DT 32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
M25P16 16 Mbit, serial Flash memory, 75 MHz SPI bus interface
M29DW128F 128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M58LR128KT 128 or 256 Mbit (×16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58WR016QT 16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
PC28F128P33BF60A Numonyx® P33-65nm Flash Memory
NAND04G-B2D 4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
M29W320ET 32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
M29W064FT 64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
290701-18 Numonyx Wireless Flash Memory (W18)
M58WT032KT 32- and 64-Mbit (×16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
M58WR064HT 64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
NAND08GW3C2A 8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
M58LR128KC 128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M25P20 2 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
M36P0R9070E0 512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M28W640HCT 64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
M25PE80 8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25P64 64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M39P0R8070E2 256 or 512Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit Low Power SDRAM, 1.8V supply, Multi-Chip Package

  1 2 3 4 5