Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

FLASH Datasheets, PDF

Descripción buscado : 'FLASH' - Total: 129 (1/7) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

NXP Semiconductors
MK80FN256VLL15 High performance ARM® Cortex®-M4F MCU with up to 256KB of Flash, 256KB of SRAM, Full Speed USB connectivity, and QuadSPI for interfacing to Serial NOR flash
LPC2387_08 Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
LPC1311_1008 32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
P89LPC9151 8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
K22P121M120SF8 Kinetis K22F 256 KB Flash
LPC81XM 32-bit ARM Cortex-M0+ microcontroller; up to 16 kB flash and 4 kB SRAM
KV30P64M100SFA Kinetis KV30F 64 KB/128 KB Flash
LPC2157 Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
LPC2458 Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
LPC2114 Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
LPC2101 Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
LPC54101J512BD64QL 32-bit ARM Cortex-M4/M0+ MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
LPC1102 32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
LPC1768 32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
LPC2194 Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN
LPC11U34 32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
LPC2141FBD64-S Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
P89V664FA512 8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
LPC2377_10 Single-chip 16-bit/32-bit microcontrollers; 512 kB flash withISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
K22P64M120SF8 Kinetis K22F 128 KB/256 KB Flash 64-pin WLCSP

  1 2 3 4 5 6 7