Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

FLASH Datasheets, PDF

Descripción buscado : 'FLASH' - Total: 544 (1/28) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

STMicroelectronics
ST7265X LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PSD834F2V Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2V_07 Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit + 256 Kbit dual Flash memories and 64 Kbit SRAM
PSD835G2_04 Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit + 256 Kbit Dual Flash Memories and 64 Kbit SRAM
ST7LITE3 8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
STM8AF6268 Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
M29W640DT 64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W160BT 16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
STM32F101X4 Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101R6T6 Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
M25P05-A 512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M45PE16 16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
STM32F103X8_10 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
M74DW66500B 2x 64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 32Mbit Pseudo SRAM, 3V Supply, Multiple Memory Product
STM8AF526X Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
ST7LITE2 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
M50FW040 4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
STM8L052C6T6 Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
STM8S003F3P6TR Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI
ST662A_04 DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY

  1 2 3 4 5 6 7 8 9 10