Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
  Nombre de pieza     
   Descripción    

   
 

FLASH Datasheets, PDF

Descripción buscado : 'FLASH' - Total: 78 (1/4) Page
Fabricante ElectrónicoNo. de piezavistaDescripción Electrónicos

NXP Semiconductors
89C51RB2 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
P89C668 80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
LPC18S5X_15 32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
P89LPC906 8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
89C536 80C51 8-bit microcontroller family 16K/64K/512 FLASH
P89LPC9408 8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
LPC1758 32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
LPC2378 Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
P89LPC920 8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
LPC2109_15 Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
P89V52X2 8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
89C51 80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
P89LPC938 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
P89LPC933 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
LPC2212 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
P89C669 80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM
LPC2141_15 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
P89V51RD2 8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
P89LPC912 8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
LPC2132FBD640115 Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC

  1 2 3 4